Part Number Hot Search : 
MSDAT BLW30 1N2970 BD4941G 5ETTT XXXSE CS831D1 100DY
Product Description
Full Text Search
 

To Download NTE1394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1394 5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
Features: D Dual Mode or Bridge Connection Mode Type. D Some Protection Circuits Included D Thermal Protection, Over Voltage Protection, Current Limitter, BTL DC Short Protection. D Wide Operating Voltage Range: VCC(opr) = 8V to 18V D A chassis mounting is easily designed using SIP (Single in Line Package) 12 Pins D This Power IC Obtains High Output Power by Bridge Connection: POUT = 17W (Typ) at VCC = 13.2V, RL = 4, THD = 10% D Dual Mode: Minimum Load Impedance is 2 ohm BTL Mode: Minimum Load Impedance is 4 ohm Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Peak Supply Voltage, VCC surge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V DC Supply Voltage (30 sec), VCCDC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Operating Supply Voltage, VCCopr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Output Current (Peak), IO(peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics:
Parameter Quiescent Current Output Power Dual BTL Maximum Output Power Dual BTL POM Symbol ICCQ POUT THD = 10% THD = 10%, RL = 2 THD = 10% VIN = 100mVrms Test Conditions Min - 4.5 - 14 - - Typ 85 5.5 8 17 9 30 Max 200 - - - - - Unit mA W W W W E
Electrical Characteristics (Cont'd):
Parameter Total Harmonic Distortion Dual BTL Voltage Gain Channel Balance Channel Separation Ripple Rejection Dual BTL Input Resistance Output Noise Voltage RIN VNO Rg = 10k, BW = 50Hz to 20kHz
Pin Connection Diagram (Front View) 12 VCC 11 Ch 1 Bootstrap 10 9 8 7 6 5 4 3 2 1 Ch 1 Output Ch 1 Noise Filter Ch 1 Input Prestage GND Power GND Ch 2 Input Ch 2 Noise Filter VCC Ch 2 Output Ch 2 Bootstrap
Symbol THD GV GV CT RR
Test Conditions POUT = 1W VOUT = 0dBm VOUT = 0dBm VOUT = 0dBm f = 100Hz
Min - - 52.5 - - - - 20 -
Typ 0.2 0.3 54.0 0 0 -20 -29 35 1
Max 1.5 1.5 55.5 1.0 1.0 - - 50 2
Unit % % dB dB dB dB dB k mVrms
.929 (23.6)
.118 (3.0)
.236 (6.0) 1 9 .098 (2.5)
.100 (2.54)
.118 (3.0)


▲Up To Search▲   

 
Price & Availability of NTE1394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X